PART |
Description |
Maker |
HDD60-48T512X HDD50-12D05P HDD50-12D05T HDD50-12D0 |
75W 960MHZ 26V NI780L 的DC - DC转换器的5060 3000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN DC - DC转换器的5060 1000000 SYSTEM GATE 1.2 VOLT FPGA DC - DC转换器的5060 DC-DC CONVERTER 50~60W DC - DC转换器的5060 XC2VP7-6FFG672C DC - DC转换器的5060 2000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 的DC - DC转换器的5060 DC-DC CONVERTER 50~60W 的DC - DC转换器的5060 6000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 4500 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN ; Collector Emitter Voltage, Vceo:30V; Transistor Polarity:NPN; Power Dissipation:3.5W; C-E Breakdown Voltage:30V; DC Current Gain Min (hfe):300; Collector Current:400mA; Package/Case:TO-39
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
XC5000 XC5210-6PQ208C XC5206 XC5210 |
Logic Cell Array Family
|
XILINX[Xilinx, Inc]
|
MIC915 MIC915BMM |
10000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 10000 SYSTEM GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN Dual 135MHz Low-Power Op Amp
|
Micrel Semiconductor,Inc.
|
HER205 |
10000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
MICRO COMMERCIAL COMPONENTS
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
HER201G HER208G HER202G HER203G HER204G HER205G HE |
5000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 2.0安培。玻璃钝化高效整流二极管 2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
|
Jinan Gude Electronic Device Co., Ltd. JGD[Jinan Gude Electronic Device]
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
MAX3.00A EPM3032ALC44-10 EPM3032ALC44-4 EPM3032ALC |
Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 7ns Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 5ns Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 10ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 4ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 10ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 4ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 10ns Programmable Logic Device Family
|
Altera Corporation
|
MAX7000 MAX7000S EPM7128E EPM7128S EPM7256E EPM725 |
Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 10ns MAX 7000 Programmable Logic Device Family
|
ATERA Altera Corporation
|
CS91 |
Standard cell array
|
FUJITSU[Fujitsu Media Devices Limited]
|
KGM80 |
Gate Array Cell Library
|
Samsung Semiconductor
|
|